Part Number Hot Search : 
DS111 SC220I0B SK1901 MBR1H100 AD7828 74HC14 GRM32E AAT8635
Product Description
Full Text Search
 

To Download EPC1111H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter EPC1111P & EPC1111H
Features 75 % Typical efficiency at full load Dual, Unregulated Output Input / Output Isolation Input filter to reduce input ripple current Designed for low common mode noise Electrical Specifications
PCA P/N EPC1111P EPC1111H Standard Package E10 E10 Optional Packages E10-G*, F5 E10-G*, F5, E13 *Note : Package with G = Surface Mount Device Input Voltage V 12.0 12.0 Output Voltage V 9 5% 9 5% Output Current mA Max. 30 Max. 30 Max. Output Ripple & Noise @ 20 MHz BW mV p-p 100 Max. 100 Max. Isolation Vrms 500 2000
Pin Connections for E10 N/C 24 N/C 13
Pin Connections for E10-G N/C 24 N/C 13
Pin Connections for E13 Vin+ Vo- Vo RTN Vo+ Vin15 14 13 24 23 22
Pin Connections for F5
1 3 V in+ V in-
10 11 12 3 1 V o- RTN V out+ V in+ V in-
1 1 2 3 10 11 12 V in+ 10 11 12 Vo+ VinV o- RTNV out+ Vin+ Vo- Vo RTN
3 V in-
10 11 12 V o- RTN V o+
PACKAGE E10
PCA EPC1111P Date Code .585 Max. 12V 9V 1.30 Max. .02 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. .008 .012 .635 Typ.
PACKAGE E10-G
PCA EPC1111PE10-G .585 Max. Date Code 12V 9V .200 1.30 Max. .35 Max 1.100 .020 Typ. .010 Typ. .050 .100 Typ. .600 .700 Typ.
PACKAGE F5
.34 1.30 Max. .015 PCA EPC1111PF5 Date Code .58 Max. 12V 9V .25 Min. .200 .020 Typ. 1.100 .100 Typ. .009 .013 .08
PACKAGE E13
PCA EPC1111HE13 Date Code .585 Max. 12V 9V
1.300 Max. .020 Typ. .375 Max .125 Min. .018 Typ. 1.100 .100 Typ. .008 .012 .635 Typ.
DSC1111
Rev.
6/4/96
QAF-CSO6 Rev. B 9/9/94
Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = 1/32 .XX = .030 .XXX = .010
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791


▲Up To Search▲   

 
Price & Availability of EPC1111H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X